Part Number Hot Search : 
BIC1422 W20NB60 SBYV26E BSS50A BFT25A C324A 1612D24 BR3015
Product Description
Full Text Search
 

To Download M27C320 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M27C320
32 Mbit (4Mb x8 or 2Mb x16) OTP EPROM
PRELIMINARY DATA
s
5V 10% SUPPLY VOLTAGE in READ OPERATION FAST ACCESS TIME: 80ns BYTE-WIDE or WORD-WIDE CONFIGURABLE 32 Mbit MASK ROM REPLACEMENT LOW POWER CONSUMPTION - Active Current 70mA at 8MHz - Stand-by Current 100mA
1 44
s s
s s
SO44 (M)
s s
PROGRAMMING VOLTAGE: 12V 0.25V PROGRAMMING TIME: 100s/byte (typical)(PRESTO III Algorithm) ELECTRONIC SIGNATURE: - Manufacturer Code 0020h - Device Code: 0032h Figure 1. Logic Diagram
TSOP48 (N) 12 x 20 mm
s
DESCRIPTION The M27C320 is a 32 Mbit EPROM offered in the OTP range (one time programmable). It is ideally suited for microprocessor systems requiring large data or program storage. It is organised as either 4 MWords of 8 bit or 2 MWords of 16 bit. The pinout is compatible with the 32 Mbit Mask ROM. The M27C320 is offered in TSOP48 (12 x 20mm) and SO44 packages.
VCC
21 A0-A20 15
Q15A-1
Q0-Q14 E M27C320 BYTE
Table 1. Signal Names
A0-A20 Q0-Q7 Q8-Q14 Q15A-1 E GVPP BYTE VCC VSS Address Inputs Data Outputs Data Outputs Data Output / Address Input Chip Enable Output Enable / Program Supply Byte-Wide Select Supply Voltage Ground
GVPP
VSS
AI02152
September 1998
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
1/15
M27C320
Figure 2A. SO Pin Connections Figure 2B. TSOP Pin Connections
NC A18 A17 A7 A6 A5 A4 A3 A2 A1 A0 E VSS GVPP Q0 Q8 Q1 Q9 Q2 Q10 Q3 Q11
1 44 2 43 3 42 4 41 5 40 6 39 7 38 8 37 9 36 10 35 11 34 M27C320 12 33 13 32 14 31 15 30 16 29 17 28 18 27 19 26 20 25 21 24 22 23
AI02153
A20 A19 A8 A9 A10 A11 A12 A13 A14 A15 A16 BYTE VSS Q15A-1 Q7 Q14 Q6 Q13 Q5 Q12 Q4 VCC
BYTE A16 A15 A14 A13 A12 A11 A10 A9 A8 A19 VSS A20 A18 A17 A7 A6 A5 A4 A3 A2 A1 A0 E
1
48
12 13
M27C320
37 36
24
25
AI02154
VSS VSS Q15A-1 Q7 Q14 Q6 Q13 Q5 Q12 Q4 VCC VCC VSS Q11 Q3 Q10 Q2 Q9 Q1 Q8 Q0 GVPP VSS VSS
Warning : NC = Not Connected.
Table 2. Absolute Maximum Ratings (1)
Symbol TA TBIAS TSTG VIO (2) VCC VA9 (2) VPP Parameter Ambient Operating Temperature (3) Temperature Under Bias Storage Temperature Input or Output Voltage (except A9) Supply Voltage A9 Voltage Program Supply Voltage Value -40 to 125 -50 to 125 -65 to 150 -2 to 7 -2 to 7 -2 to 13.5 -2 to 14 Unit C C C V V V V
Note: 1. Except for the rating "Operating Temperature Range", stresses above those listed in the Table "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality documents. 2. Minimum DC voltage on Input or Output is -0.5V with possible undershoot to -2.0V for a period less than 20ns. Maximum DC voltage on Output is VCC +0.5V with possible overshoot to VCC +2V for a period less than 20ns. 3. Depends on range.
2/15
M27C320
Table 3. Operating Modes
Mode Read Word-wide Read Byte-wide Upper Read Byte-wide Lower Output Disable Program Program Inhibit Standby Electronic Signature E VIL VIL VIL VIL VIL Pulse VIH VIH VIL GVPP VIL VIL VIL VIH VPP VPP X VIL BYTE VIH V IL V IL X VIH VIH X VIH A9 X X X X X X X VID Q0-Q7 Data Out Data Out Data Out Hi-Z Data In Hi-Z Hi-Z Codes Q8-Q14 Data Out Hi-Z Hi-Z Hi-Z Data In Hi-Z Hi-Z Codes Q15A-1 Data Out V IH VIL Hi-Z Data In Hi-Z Hi-Z Code
Note: X = VIH or VIL, VID = 12V 0.5V.
Table 4. Electronic Signature
Identifier Manufacturer's Code Device Code A0 VIL VIH Q7 0 0 Q6 0 0 Q5 1 1 Q4 0 1 Q3 0 0 Q2 0 0 Q1 0 1 Q0 0 0 Hex Data 20h 32h
Note: Outputs Q8-Q15 are set to '0'.
DEVICE OPERATION The operating modes of the M27C320 are listed in the Operating Modes Table. A single power supply is required in the read mode. All inputs are TTL compatible except for VPP and 12V on A9 for the Electronic Signature. Read Mode The M27C320 has two organisations, Word-wide and Byte-wide. The organisation is selected by the signal level on the BYTE pin. When BYTE is at VIH the Word-wide organisation is selected and the Q15A-1 pin is used for Q15 Data Output. When the BYTE pin is at VIL the Byte-wide organisation is selected and the Q15A-1 pin is used for the Address Input A-1. When the memory is logically regarded as 16 bit wide, but read in the Byte-wide organisation, then with A-1 at VIL the lower 8 bits of the 16 bit data are selected and with A-1 at VIH the upper 8 bits of the 16 bit data are selected.
The M27C320 has two control functions, both of which must be logically active in order to obtain data at the outputs. In addition the Word-wide or Byte-wide organisation must be selected. Chip Enable (E) is the power control and should be used for device selection. Output Enable (G) is the output control and should be used to gate data to the output pins independent of device selection. Assuming that the addresses are stable, the address access time (tAVQV) is equal to the delay from E to output (tELQV). Data is available at the output after a delay of tGLQV from the falling edge of G, assuming that E has been low and the addresses have been stable for at least tAVQV-tGLQV. Standby Mode The M27C320 has standby mode which reduces the supply current from 50mA to 100A. The M27C320 is placed in the standby mode by applying a CMOS high signal to the E input. When in the standby mode, the outputs are in a high impedance state, independent of the G input.
3/15
M27C320
Table 5. AC Measurement Conditions
High Speed Input Rise and Fall Times Input Pulse Voltages Input and Output Timing Ref. Voltages 10ns 0 to 3V 1.5V Standard 20ns 0.4V to 2.4V 0.8V and 2V
Figure 3. Testing Input Output Waveform
Figure 4. AC Testing Load Circuit
1.3V
High Speed 3V 1.5V 0V DEVICE UNDER TEST 2.0V 0.8V
AI01822
1N914
3.3k
Standard 2.4V
OUT CL
0.4V
CL = 30pF for High Speed CL = 100pF for Standard CL includes JIG capacitance
AI01823B
Table 6. Capacitance (1) (TA = 25 C, f = 1 MHz)
Symbol C IN COUT Parameter Input Capacitance Output Capacitance Test Condition V IN = 0V VOUT = 0V Min Max 10 12 Unit pF pF
Note: 1. Sampled only, not 100% tested.
Two Line Output Control Because EPROMs are usually used in larger memory arrays, this product features a 2 line control function which accommodates the use of multiple memory connection. The two line control function allows: a. the lowest possible memory power dissipation, b. complete assurance that output bus contention will not occur.
For the most efficient use of these two control lines, E should be decoded and used as the primary device selecting function, while G should be made a common connection to all devices in the array and connected to the READ line from the system control bus. This ensures that all deselected memory devices are in their low power standby mode and that the output pins are only active when data is required from a particular memory device.
4/15
M27C320
Table 7. Read Mode DC Characteristics (1) (TA = 0 to 70 C; VCC = 5V 10%)
Symbol ILI ILO Parameter Input Leakage Current Output Leakage Current Test Condition 0V V IN VCC 0V VOUT V CC E = VIL , G = VIL, IOUT = 0mA, f = 8MHz ICC Supply Current E = VIL , G = VIL, IOUT = 0mA, f = 5MHz Supply Current (Standby) TTL Supply Current (Standby) CMOS Program Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage TTL IOL = 2.1mA IOH = -400A 2.4 E = VIH E > VCC - 0.2V V PP = VCC -0.3 2 50 1 100 10 0.8 VCC + 1 0.4 mA mA A A V V V V Min Max 1 10 70 Unit A A mA
ICC1 ICC2 IPP VIL VIH (2) VOL VOH
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after V PP. 2. Maximum DC voltage on Output is VCC +0.5V.
System Considerations The power switching characteristics of Advanced CMOS EPROMs require carefull decoupliing of the supplies to the devices. The supply current ICC has three segments of importance to the system designer: the standby current, the active current and the transient peaks that are produced by the falling and rising edges of E. The magnitude of the transient current peaks is dependant on the capacititive and inductive loading of the device outputs. The associated transient voltage peaks can be supressed by complying with the two line output control and by properly selected decoupling capacitors. It is recommended that a 0.1F ceramic capacitor is used on every device between VCC and VSS. This should be a high frequency type of low inherent inductance and should be placed as close as possible to the device. In addition, a 4.7F electrolytic capacitor
should be used between VCC and VSS for every eight devices. This capacitor should be mounted near the power supply connection point. The purpose of this capacitor is to overcome the voltage drop caused by the inductive effects of PCB traces. Programming When delivered, all bits of the M27C320 are in the '1' state. Data is introduced by selectively programming '0's into the desired bit locations. Although only '0's will be programmed, both '1's and '0's can be present in the data word. The M27C320 is in the programming mode when VPP input is at 12.5V, G is at VIH and E is pulsed to VIL. The data to be programmed is applied to 16 bits in parallel to the data output pins. The levels required for the address and data inputs are TTL. VCC is specified to be 6.25V 0.25V.
5/15
M27C320
Table 8. Read Mode AC Characteristics (1) (TA = 0 to 70 C; VCC = 5V 10%)
M27C320 Symbol Alt Parameter Test Condit ion Min tAVQV tBHQV tELQV tGLQV tBLQZ (2) tEHQZ (2) tGHQZ (2) tAXQX tBLQX tACC tST tCE tOE tSTD tDF tDF tOH tOH Address Valid to Output Valid BYTE High to Output Valid Chip Enable Low to Output Valid Output Enable Low to Output Valid BYTE Low to Output Hi-Z Chip Enable High to Output Hi-Z Output Enable High to Output Hi-Z Address Transition to Output Transition BYTE Low to Output Transition E = VIL, G = VIL E = VIL, G = VIL G = VIL E = VIL E = VIL, G = VIL G = VIL E = VIL E = VIL, G = VIL E = VIL, G = VIL 0 0 5 5 -80 Max 80 80 80 40 40 40 40 0 0 5 5 -100 Min Max 100 100 100 50 40 40 40 0 0 5 5 -120 Min Max 120 120 120 60 50 50 50 ns ns ns ns ns ns ns ns ns Unit
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after V PP 2. Sampled only, not 100% tested.
Figure 5. Word-Wide Read Mode AC Waveforms
A0-A20
VALID tAVQV tAXQX
VALID
E tGLQV GVPP tELQV Q0-Q15 tGHQZ Hi-Z tEHQZ
AI02207
Note: BYTE = VIH.
6/15
M27C320
Figure 6. Byte-Wide Read Mode AC Waveforms
A0-A20
VALID tAVQV tAXQX
VALID
E tGLQV GVPP tELQV Q0-Q7 tGHQZ Hi-Z tEHQZ
AI02218
Note: BYTE = VIH.
Figure 7. BYTE Transition AC Waveforms
A0-A20
VALID
A-1 tAVQV BYTE
VALID tAXQX
tBHQV Q0-Q7 tBLQX Hi-Z Q8-Q15 tBLQZ
AI02219
DATA OUT
DATA OUT
Note: Chip Enable (E) and Output Enable (G) = VIL.
7/15
M27C320
Table 9. Programming Mode DC Characteristics (1) (TA = 25 C; VCC = 6.25V 0.25V; VPP = 12V 0.25V)
Symbol ILI ICC IPP V IL VIH VOL VOH VID Parameter Input Leakage Current Supply Current Program Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage TTL A9 Voltage IOL = 2.1mA IOH = -2.5mA 3.5 11.5 12.5 E = VIL -0.3 2.4 Test Conditio n VIL VIN VIH Min Max 10 50 50 0.8 VCC + 0.5 0.4 Unit A mA mA V V V V V
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after V PP.
Table 10. MARGIN MODE AC Characteristics (1) (TA = 25 C; VCC = 6.25V 0.25V; VPP = 12V 0.25V)
Symbol tA9HVPH tVPHEL tA10HEH tA10LEH tEXA10X t EXVPX tVPXA9X Alt t AS9 tVPS tAS10 tAS10 tAH10 tVPH tAH9 Parameter VA9 High to VPP High VPP High to Chip Enable Low VA10 High to Chip Enable High (Set) VA10 Low to Chip Enable High (Reset) Chip Enable Transition to VA10 Transition Chip Enable Transition to VPP Transition VPP Transition to VA9 Transition Test Condition Min 2 2 1 1 1 2 2 Max Unit s s s s s s s
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after V PP.
8/15
M27C320
Table 11. Programming Mode AC Characteristics (1) (TA = 25 C; VCC = 6.25V 0.25V; VPP = 12V 0.25V)
Symbol tAVEL tQVEL tVCHEL tVPHEL tVPLVPH tELEH tEHQX tEHVPX tVPLEL tELQV tEHQZ (2) tEHAX Alt tAS tDS tVCS tOES tPRT tPW tDH tOEH tVR tDV tDFP tAH Parameter Address Valid to Chip Enable Low Input Valid to Chip Enable Low V CC High to Chip Enable Low V PP High to Chip Enable Low V PP Rise Time Chip Enable Program Pulse Width (Initial) Chip Enable High to Input Transition Chip Enable High to VPP Transition V PP Low to Chip Enable Low Chip Enable Low to Output Valid Chip Enable High to Output Hi-Z Chip Enable High to Address Transition 0 0 Test Condition Min 1 1 2 1 50 45 2 2 1 1 130 55 Max Unit s s s s ns s s s s s ns ns
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after V PP. 2. Sampled only, not 100% tested.
Figure 8. MARGIN MODE AC Waveforms
VCC
A8
A9 tA9HVPH GVPP tVPHEL E tA10HEH A10 Set tEXA10X tEXVPX tVPXA9X
A10 Reset tA10LEH
AI00736B
Note: A8 High level = 5V; A9 High level = 12V.
9/15
M27C320
Figure 9. Programming and Verify Modes AC Waveforms
A0-A20 tAVEL Q0-Q15 tQVEL VCC tVCHEL GVPP tVPHEL E DATA IN
VALID tEHAX DATA OUT tEHQX tEHQZ
tEHVPX
tELQV
tVPLEL
tELEH
PROGRAM
VERIFY
AI02205
Note: BYTE = VIH.
Figure 10. Programming Flowchart
VCC = 6.25V, VPP = 12V
SET MARGIN MODE
n=0
E = 50s Pulse NO ++n = 25 YES NO VERIFY YES Last Addr NO ++ Addr
FAIL
YES CHECK ALL WORDS BYTE = VIH 1st: VCC = 6V 2nd: VCC = 4.2V
AI02220
PRESTO III Programming Algorithm The PRESTO III Programming Algorithm allows the whole array to be programed with a guaranteed margin in a typical time of 100 seconds. Programming with PRESTO III consists of applying a sequence of 50s program pulses to each word until a correct verify occurs (see Figure 10). During programing and verify operation a MARGIN MODE circuit is automatically activated to guarantee that each cell is programed with enough margin. No overprogram pulse is applied since the verify in MARGIN MODE provides the neccessary margin to each programmed cell. Program Inhibit Programming of multiple M27C320s in parallel with different data is also easily accomplished. Except for E, all like inputs including G of the parallel M27C320 may be common. A TTL low level pulse applied to a M27C320's E input and VPP at 12V, will program that M27C320. A high level E input inhibits the other M27C320s from being programmed. Program Verify A verify (read) should be performed on the programmed bits to determine that they were correctly programmed. The verify is accomplished with G at V IL. Data should be verified with tELQV after the falling edge of E.
10/15
M27C320
On-Board Programming The M27C320 can be directly programmed in the application circuit. See the relevant Application Note AN620. Electronic Signature The Electronic Signature (ES) mode allows the reading out of a binary code from an EPROM that will identify its manufacturer and type. This mode is intended for use by programming equipment to automatically match the device to be programmed with its corresponding programming algorithm. The ES mode is functional in the 25C 5C ambient temperature range that is required when programming the M27C320. To activate the ES mode, the programming equipment must force 11.5V to 12.5V on address line A9 of the M27C320, with VPP=VCC=5V. Two identifier bytes may then be sequenced from the device outputs by toggling address line A0 from VIL to VIH. All other address lines must be held at VIL during Electronic Signature mode. Byte 0 (A0=VIL) represents the manufacturer code and byte 1 (A0=VIH) the device identifier code. For the STMicroelectronics M27C320, these two identifier bytes are given in Table 4 and can be readout on outputs Q0 to Q7.
11/15
M27C320
Table 12. Ordering Information Scheme
Example: Device Type Operating Voltage C = 4.5V to 5.5V Speed -80 = 80 ns -100 = 100 ns -120 = 120 ns Package M = SO44 N = TSOP48: 12 x 20mm Temperature Range 1 = -0 to 70 C M27C320 -80 M 1
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this device, please contact the ST Sales Office nearest to you.
12/15
M27C320
Table 13. SO44 - 44 lead Plastic Small Outline, 525 mils body width, Package Mechanical Data
Symb A A1 A2 B C D E e H L N CP 0.80 3 1.27 0.10 28.10 13.20 - 15.90 - - 44 0.10 mm Typ Min 2.42 0.22 2.25 Max 2.62 0.23 2.35 0.50 0.25 28.30 13.40 - 16.10 - - 0.031 3 0.050 0.004 1.106 0.520 - 0.626 - - 44 0.004 Typ inches Min 0.095 0.009 0.089 Max 0.103 0.010 0.093 0.020 0.010 1.114 0.528 - 0.634 - -
Figure 11. SO44 - 44 lead Plastic Small Outline, 525 mils body width, Package Outline
A2 B e D
A C CP
N
E
1
H A1 L
SO-b
Drawing is not to scale.
13/15
M27C320
Table 14. TSOP48 - 48 lead Plastic Thin Small Outline, 12 x 20mm, Package Mechanical Data
Symb Typ A A1 A2 B C D D1 E e L N CP 0.50 0.05 0.95 0.17 0.10 19.80 18.30 11.90 0.50 0 48 0.10 mm Min Max 1.20 0.15 1.05 0.27 0.21 20.20 18.50 12.10 0.70 5 0.020 0.002 0.037 0.007 0.004 0.780 0.720 0.469 0.020 0 48 0.004 Typ inches Min Max 0.047 0.006 0.041 0.011 0.008 0.795 0.728 0.476 0.028 5
Figure 12. TSOP48 - 48 lead Plastic Thin Small Outline, 12 x 20mm, ackage Outline A2
1 N
e E B
N/2
D1 D
A CP
DIE
C
TSOP-a
A1
L
Drawing is not to scale.
14/15
M27C320
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in lif e support devices or systems without express written approval of STMicroelectronics. The ST logo is registered trademark of STMicroelectronics (R) 1998 STMicroelectronics - All Rights Reserved All other names are the property of their respective owners. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. http://w ww.st.com
15/15


▲Up To Search▲   

 
Price & Availability of M27C320

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X